PART |
Description |
Maker |
ISL84515IB ISL84515 ISL84515IB-T ISL84515IH-T ISL8 |
512 x 36 synchronous FIFO memory 120-HLQFP 0 to 70 低电压,单电源,聚苯乙烯,模拟开 SINGLEMODE FIBER PATCH CABLE, PLENUM ST-LC 10M Low-Voltage, Single Supply, SPST, Analog Switches Low-Voltage/ Single Supply/ SPST/ Analog Switches Low-Voltage Single Supply SPST Analog Switches Analog Switch, SPST, Single, NOpen, Ron = 20 @ 3.3V, 12 @ 5V and 8 @ 12V, Ron Flatness Max 3 Single Supply, 2.4V to 12V Analog Switch, SPST, Single, NClosed, Ron = 20 @ 3.3V, 12 @ 5V and 8 @ 12V, Ron Flatness Max 3 Single Supply, 2.4V to 12V
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MAX8686ETL NMA2412SC PXE3024S05 PAH200S48-12/V PAH |
Single/Multiphase, Step-Down, DC-DC Converter Delivers Up to 25A Per Phase DC-DC Converter; Supply Voltage:24V; Output Voltage:12V; Number of Outputs:2; Power Rating:1W; Mounting Type:PC Board; Isolation Voltage:1000V; Leaded Process Compatible:Yes; Output Current: 42mA; Output Current 2:-42mA RoHS Compliant: Yes DC-DC Converter; Supply Voltage:36V; Output Voltage:5V; Number of Outputs:1; Power Rating:30W; Mounting Type:PC Board; Series:PX; Approval Bodies:UL, CSA, CE; External Depth:2"; External Height:0.4"; External Width:1" DC-DC Converter; Supply Voltage:48V; Output Voltage:12V; Number of Outputs:1; Power Rating:200.4W; Mounting Type:PC Board; Series:PAH DC-DC Converter; Supply Voltage:48V; Output Voltage:24V; Number of Outputs:1; Power Rating:50.4W; Mounting Type:PC Board; Series:PAH; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
|
Maxim Integrated Products Fairchild Semiconductor, Corp.
|
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6E |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6 千伏隔震1W的未稳压双输SIP6
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
APW7120AKE-TRL |
SWITCHING CONTROLLER, PDSO8 5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
|
ANPEC ELECTRONICS CORP Anpec Electronics Coropration
|
ISL8394 ISL8394IB ISL8394IB-T |
Low-Voltage/ Single and Dual Supply/ Quad SPDT/ Analog Switches Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches Low-Voltage Single and Dual Supply Quad SPDT Analog Switches Analog Switch or Multiplexer, SPDT, Quad, 2 x NOpen, 2 x NClosed, Ron 17 @ V, Single Supply, 2V to 12V or Dual Supply 2.0V to V
|
INTERSIL[Intersil Corporation]
|
TC7660S TC7660SEOA TC7660SEPA TC7660SMJA TC7660SCP |
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER The TC7660S is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 12V input to a corresponding -1.5V to -12V output using only two low-cost capacitors, eliminating inductors and
|
MICROCHIP[Microchip Technology]
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
LT1213ACN8 LT1213MJ8 LT12131 LT1213AMJ8 LT1213CS8P |
28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps 28MHz, 12V/µs, Single Supply Dual and Quad Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 650 uV OFFSET-MAX, 28 MHz BAND WIDTH, PDSO8
|
Linear Integrated Systems Linear Technology, Corp.
|
5712D40004 |
12V AC?DC Switching Power Supply
|
NTE Electronics
|
450-Z1-216-00-006 450-90-216-00-006 450-10-216-00- |
PCB connectors 2.54 mm Single row / double row Solder tail 电路板连接器2.54毫米单列/双列焊尾 PT 26C 26#20 SKT RECP PT 26C 26#20 SKT 插头 Sensor Retroreflective Tape; Width:25mm; Roll Length:2.5m; For Use With:Photoelectric Sensors 电路板连接器2.54毫米单列/双列焊尾 BRT-41AHT External Plug-In Power Supply; Series:FW50; Output Voltage:12V; Output Power Max:50W; Output Current:4.15A; No. of Outputs:1; Input Current:4.15A; Leaded Process Compatible:Yes; Size:127 x 33 x 76.2 mm; Supply Voltage Max:240VAC RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
MSMPS104 |
Power Supply, 15-28VDC in, 5V 10A out, 12V 1.5A out
|
Advanced Digital Logic, Inc.
|
4312U 4414FM 4312L |
LUEFTER DC PUR VERGUSS 12V Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 19MM 24Vdc LUEFTER DC 119 SUPER LOW NOISE 12V
|
|